Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6046 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC6046
Description  GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC6046 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC6046 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6046
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
GAIN BAND WIDTH PRODUCT VS.
COLLECTOR CURRENT
10
100
1000
1
10
100
1000
COLLECTOR CURRENT Ic(mA)
Ta=25℃
VCE=20V
COLLECTOR OUTPUT CAPACITANCE VS.
COLLECTOR TO BASE VOLTAGE
1
10
100
0
102030
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com