Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291N4 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST9291N4
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291N4 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST9291N4 Datasheet HTML 12Page - STMicroelectronics ST9291N4 Datasheet HTML 13Page - STMicroelectronics ST9291N4 Datasheet HTML 14Page - STMicroelectronics ST9291N4 Datasheet HTML 15Page - STMicroelectronics ST9291N4 Datasheet HTML 16Page - STMicroelectronics ST9291N4 Datasheet HTML 17Page - STMicroelectronics ST9291N4 Datasheet HTML 18Page - STMicroelectronics ST9291N4 Datasheet HTML 19Page - STMicroelectronics ST9291N4 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Stack location
Care is necessary when managing stacks as there
is no limit to stack sizes apart from the bottom of
any address space in which the stack is placed.
Consequently programmers are advised to use a
stack pointer value as high as possible, particularly
when using the Register File as a stacking area.
This will also benefit programmers who may locate
the stacks in group D using, for example the in-
struction ld R237, #223 which loads the value
SYSTEM REGISTERS (Continued)
STACK POINTER L
STACK
VA00434
R255
R0
STACK POINTER H
REGISTER FILE
Figure 1-11. System and/or User Stack in
Register Stack Mode
STACK POINTER L
SYSTEM REGISTERS
STACK
DATA MEMORY
VA00435
STACK POINTER H
Figure 1-12. System and/or User Stack in
Memory Stack Mode
223 into the User Stack Pointer Low Register. The
Programmer will not need to remember to set the
Register Pointer to 208 to gain access to registers
in the D-group, a problem outlined in Register
Pointing Techniques paragraph.
Stacks may be located anywhere in the first 14
groups of the Register File (internal stacks) or the
data memory (external stacks). It is not necessary
to set the data memory using the instruction sdm
as external stack instructions automatically use the
data memory.
USP R236 (ECh) System Read/Write
User Stack Pointer High Byte
Reset value: undefined
70
USP15USP14 USP13USP12USP11 USP10 USP9 USP8
USP R237 (EDh) System Read/Write
User Stack Pointer Low Byte
Reset value: undefined
70
USP7 USP6 USP5 USP4 USP3 USP2 USP1 USP0
SSP R238 (EEh) System Read/Write
System Stack Pointer High Byte
Reset value: undefined
70
SSP15 SSP14 SSP13SSP12 SSP11SSP10 SSP9 SSP8
SSP R239 (EFh) System Read/Write
System Stack Pointer Low Byte
Reset value: undefined
70
SSP7 SSP6 SSP5 SSP4 SSP3 SSP2 SSP1 SSP0
1.2 MEMORY
®
ST9291
17/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com