Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C06C Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST93C06C
Description  256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C06C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST93C06C Datasheet HTML 7Page - STMicroelectronics ST93C06C Datasheet HTML 8Page - STMicroelectronics ST93C06C Datasheet HTML 9Page - STMicroelectronics ST93C06C Datasheet HTML 10Page - STMicroelectronics ST93C06C Datasheet HTML 11Page - STMicroelectronics ST93C06C Datasheet HTML 12Page - STMicroelectronics ST93C06C Datasheet HTML 13Page - STMicroelectronics ST93C06C Datasheet HTML 14Page - STMicroelectronics ST93C06C Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ORDERING INFORMATION SCHEME
Revision
blank CMOS F3
Tech.
C
CMOS F4
Tech.
Package
B
(1)
PSDIP8
0.4mm Frame
M
SO8
150mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3
(2)
–40 to 125
°C
Option
013TR
Tape & Reel
Packing
Example:
ST93C06C
M
1
013TR
Notes: 1. ST93C06CB1 is available with 0.25mm lead Frame only.
2. Temperature range on special request only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFFFh for x16, FFh for x8).
For a list of available options (Package, etc...) or for further information on any aspect of this device, please
contact the SGS-THOMSON Sales Office nearest to you.
12/15
ST93C06, ST93C06C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com