Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMFS1W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RMFS1W
Description  Metal Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMFS1W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RMFS1W Datasheet HTML 1Page - TAITRON Components Incorporated RMFS1W Datasheet HTML 2Page - TAITRON Components Incorporated RMFS1W Datasheet HTML 3Page - TAITRON Components Incorporated RMFS1W Datasheet HTML 4Page - TAITRON Components Incorporated RMFS1W Datasheet HTML 5Page - TAITRON Components Incorporated RMFS1W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B/JJ 20070810
RMF&RMFS Series
Metal Film Resistor - Normal & Miniature Style
www.taitroncomponents.com
Page 2 of 6
Absolute Maximum Ratings & Characteristics
Power derating curve
For resistors operate in the ambient temperature over 70˚C, loading power ratio will derate in accordance
with following curve.
Description
RMF
08C
RMF
S25C
RMF
25C
RMF
S50C
RMF
50C
RMF
S1W
RMF
1W
RMF
S2W
RMF
2W
Unit
Power Rating at 70° C
1/8
1/4
1/4
1/2
1/2
1
1
2
2
W
Maximum Working Voltage
200
200
250
300
350
400
500
500
500
V
Maximum Overload Voltage
400
400
500
600
700
800
1000
1000
1000
V
Dielectric Withstanding Voltage
300
400
500
500
500
700
1000
1000
1000
V
Temperature Coefficient
±15ppm/° C, ±25ppm/° C, ±50ppm/° C, ±100ppm/° C
ppm/° C
±0.5%, ±1%
10~1M
Resistance
Range
±0.1%, ±0.25%
100~100K
Ω
Operating Temperature Range
-55 to +155
° C
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com