Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2BA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # S2BA
Description  1.5A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S2BA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  S2BA Datasheet HTML 1Page - TAITRON Components Incorporated S2BA Datasheet HTML 2Page - TAITRON Components Incorporated S2BA Datasheet HTML 3Page - TAITRON Components Incorporated S2BA Datasheet HTML 4Page - TAITRON Components Incorporated S2BA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/JJ
2007-06-15
S2AA-S2MA
1.5A SURFACE MOUNT RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8876
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.5A Surface Mount Rectifier
Features
• Glass passivated junction
• Plastic package has underwriters laboratory
flammability classification 94 V-0
• High temperature soldering: 250°C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AC (SMA) molded plastic
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
cathode end indicated by color band
Weight:
0.002 Ounce, 0.064 gram
Maximum Ratings (T
Ambient=25ºC unless noted)
Note: Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Description
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified Current
1.5
A
TL=100°C
IFSM
Peak Forward Surge
Current
50
A
8.3ms single
half sine-wave
superimposed
on rated load
(JEDEC)
@TL=100°C
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-55 to 150
° C
DO-214AC
(SMA)


Similar Part No. - S2BA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2BA SSE-S2BA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2BA DIODES-S2BA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2BA WTE-S2BA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2BA TSC-S2BA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2BA TSC-S2BA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2BA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
TAITRON Components Inco...
S2A TAITRON-S2A Datasheet
189Kb / 5P
1.5A Surface Mount Rectifier
logo
Diodes Incorporated
S2A DIODES-S2A_10 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 14 - 2
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
Taiwan Semiconductor Co...
S2AAH TSC-S2AAH Datasheet
561Kb / 6P
1.5A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com