Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2DA Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # S2DA
Description  1.5A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S2DA Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  S2DA Datasheet HTML 1Page - TAITRON Components Incorporated S2DA Datasheet HTML 2Page - TAITRON Components Incorporated S2DA Datasheet HTML 3Page - TAITRON Components Incorporated S2DA Datasheet HTML 4Page - TAITRON Components Incorporated S2DA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5A Surface Mount Rectifier
S2AA-S2MA
Rev. A/JJ
2007-06-15
www.taitroncomponents.com
Page 3 of 5
Fig.4- Typical Reverse Characteristics
Fig.5- Junction Capacitance
Reverse Voltage (V)
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Percentage of Peak Reverse Voltage (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com