Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291N5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST9291N5
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291N5 Datasheet(HTML) 2 Page - STMicroelectronics

  ST9291N5 Datasheet HTML 1Page - STMicroelectronics ST9291N5 Datasheet HTML 2Page - STMicroelectronics ST9291N5 Datasheet HTML 3Page - STMicroelectronics ST9291N5 Datasheet HTML 4Page - STMicroelectronics ST9291N5 Datasheet HTML 5Page - STMicroelectronics ST9291N5 Datasheet HTML 6Page - STMicroelectronics ST9291N5 Datasheet HTML 7Page - STMicroelectronics ST9291N5 Datasheet HTML 8Page - STMicroelectronics ST9291N5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
3
19
20
24
23
22
21
VR01740B
40
2
1
42
41
Figure 1. 42 Pin Shrink DIP Pinout
Pin
Pin
name
1
P2.0/INT7
2
RESET
3
P0.7
4
P0.6
5
P0.5
6
P0.4
7
P0.3
8
P0.2
9
P0.1
10
P0.0
11
P3.7
12
P3.6
13
P3.5
14
P3.4
15
P3.3/B
16
P3.2/G
17
P3.1/R
18
P3.0/FB
19
P5.1/SDIO
20
P5.0/SCK/INT2
21
VDD
Pin
Pin
name
42
P2.1/INT5/AIN1
41
P2.2/INT0/AIN2
40
P2.3/INT6/VSO1
39
P2.4/NMI
38
P2.5/AIN3/VSO2
37
OSCIN
36
OSCOUT
35
P4.7/PWM7/
EXTRG (AD)
34
P4.6/PWM6
33
P4.5/PWM5
32
P4.4/PWM4
31
P4.3/PWM3
30
P4.2/PWM2
29
P4.1/PWM1
28
P4.0/PWM0
27
VSYNC
26
HSYNC
25
AVDD
24
PLLR
23
PLLF
22
VSS
ST9291J Pin Description
Pin
Pin
name
1
P2.1/INT5/AIN1
2
P2.0/INT7
3
RESET
4P0.7
5P0.6
6P0.5
7N.C
.(1)
8P0.4
9P0.3
10
P0.2
11
P0.1
12
P0.0
13
N.C.
(1)
14
VDD
(2)
15
N.C.
(1)
16
P3.7
17
P3.6
18
P3.5
19
P3.4
20
P3.3/B
21
P3.2/G
22
P3.1/R
23
P3.0/FB
24
P5.3
25
P5.2
26
P5.1/SDIO
27
P5.0/SCK/INT2
28
VDD
(2)
Pin
Pin
name
56
P2.2/INT0/AIN2
55
P2.3/INT6/VSO1
54
P2.4/NMI
53
P2.5/AIN3/VSO2
52
P1.0
51
P1.1
50
P1.2
49
P1.3
48
P1.4
47
P1.5
46
P1.6
45
P1.7
44
OSCIN
43
OSCOUT
42
P4.7/PWM7/
EXTRG (AD)
41
P4.6/PWM6
40
P4.5/PWM5
39
P4.4/PWM4
38
P4.3/PWM3
37
P4.2/PWM2
36
P4.1/PWM1
35
P4.0/PWM0
34
VSYNC
33
HSYNC
32
AVDD
31
PLLR
30
PLLF
29
VSS
ST9291N Pin Description
3
26
27
31
30
29
28
VR01740A
54
2
1
56
55
Figure 2. 56 Pin Shrink DIP Pinout
Notes (N Package only) :
1. N.C. means “not connected”
2. Pins 14 and 28 (VDD) are internally connected
®
ST9291
2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com