Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SD103C
Description  Small Signal Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SD103C Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SD103C Datasheet HTML 1Page - TAITRON Components Incorporated SD103C Datasheet HTML 2Page - TAITRON Components Incorporated SD103C Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2007-12-24
SD103A – SD103C
Small Signal Schottky
Barrier Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Page 1 of 3
DO-35
Small Signal Schottky Barrier Diodes
Features
• Low forward voltage drop
• Guard ring construction for transient protection
• Low reverse recovery time
• Low reverse capacitance
• RoHS compliant
Mechanical Data
Maximum Ratings and Electrical Characteristics (T
A=25ºC unless noted otherwise)
Case:
Molded Glass DO-35
Terminals:
Solderable per MIL-STD-202E, Method 208
Polarity:
Color band denotes cathode end
Weight:
0.13 grams
Symbol
Parameter
SD103A
SD103B
SD103C
Units
Condition
VRRM
Max. Peak Repetitive Reverse Voltage
40
30
20
V
VRMS
Max. RMS Reverse Voltage
28
21
14
V
IAV
Max. Average Rectified Current
0.35
A
IFSM
Peak Forward Surge Current (t≤0.3ms)
15
A
PD
Power Dissipation Derate Above 25°C
400
mW
0.37
IF=20mA
VF
Max. Forward Voltage
0.60
V
IF=200mA
IR
Max. Reverse Current
5.0@30V
5.0@20V
5.0@10V
µA
CJ
Typ. Junction Capacitance
50
pF
VR=0V, f=1MHz
Trr
Typ. Reverse Recovery Time
10
ns
From IF=50mA to
IR=200mA, RL=100Ω
RθJA
Max. Thermal Resistance
250
°C/W


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
Small Signal Schottky Barrier Diodes
25-Jun-01
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com