Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291N6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST9291N6
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291N6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST9291N6 Datasheet HTML 10Page - STMicroelectronics ST9291N6 Datasheet HTML 11Page - STMicroelectronics ST9291N6 Datasheet HTML 12Page - STMicroelectronics ST9291N6 Datasheet HTML 13Page - STMicroelectronics ST9291N6 Datasheet HTML 14Page - STMicroelectronics ST9291N6 Datasheet HTML 15Page - STMicroelectronics ST9291N6 Datasheet HTML 16Page - STMicroelectronics ST9291N6 Datasheet HTML 17Page - STMicroelectronics ST9291N6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
EXAMPLES
Using the Single 16 Register Group
When the system is operating in the single 16-reg-
ister group mode, the registers are referred to as
r0-r15. In this mode, the offset value (i.e. the num-
ber of the working register referred to) is supplied
in the address (preceded by a small r, e.g. r5) and
is added to the Register Pointer 0 value to give the
absolute address.
For example, if the Register Pointer contains the
value 70h, then working register r7 would have the
absolute address, R77h.
In this mode, the single 16-registers group will al-
ways start from the lowest even number equal or
lower to the number given in the instruction.
Example: srp #3 is equivalent to srp #2.
Using the Twin 8-Register Group
When working in the twin working group mode, the
registers pointed by Register Pointer 0 (RP0R), are
referred as r0-r7 and those pointed by Register
Pointer 1 (RP1R), are referred to as r8-r15, regard-
less of their absolute addresses. In this mode,
when operating with the first 8 working registers
(i.e. r0 - r7) the working register number acts as an
offset which is added to the value in Register
Pointer 0.
So if Register Pointer 0 contains the value 96, then
working register 0 has the absolute address 96,
working register 5 has the absolute address 101,
and so on. The second group of working registers,
r8-r15, has the offset values 0 to 7 respectively (i.e.
r8 has the offset value 0, r9 has the offset value 1,
and so on), this offset value being added to the
value in Register Pointer 1.
For example, given that the value in Register
Pointer 1 is 32, then working register 12 supplies
an offset value of 4 (given by 12 minus 8) to the
value in Register Pointer 1 to give an absolute ad-
dress of 36.
SYSTEM REGISTERS (Continued)
GROUP F
VA00097
WORKING
REGISTER POINTER 0
255
240
239
r15
r0
GROUP E
GROUP 4
0
224
REGISTER
Figure 1-9. Single 16 Register pointing Mode
GROUP F
VA00098
REGISTER POINTER 1
REGISTER POINTER 0
255
240
239
224
r7
r0
r15
r8
GROUP E
GROUP 8
GROUP 3
0
WORKING REGISTER
WORKING REGISTER
Figure 1-10. Double Register pointing Mode
®
ST9291
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com