Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C56C Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST93C56C
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C56C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST93C56C Datasheet HTML 4Page - STMicroelectronics ST93C56C Datasheet HTML 5Page - STMicroelectronics ST93C56C Datasheet HTML 6Page - STMicroelectronics ST93C56C Datasheet HTML 7Page - STMicroelectronics ST93C56C Datasheet HTML 8Page - STMicroelectronics ST93C56C Datasheet HTML 9Page - STMicroelectronics ST93C56C Datasheet HTML 10Page - STMicroelectronics ST93C56C Datasheet HTML 11Page - STMicroelectronics ST93C56C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AI00879B
S
ERASE
11
D
Q
ADDR
OP
CODE
1
BUSY
READY
CHECK
STATUS
S
ERASE
ALL
10
D
Q
OP
CODE
1
BUSY
READY
CHECK
STATUS
00
An
A0
Xn X0
ADDR
Figure 7. ERASE, ERAL Sequences
AI00880C
S
WRITE
ALL
DATA IN
D
Q
ADDR
OP
CODE
Dn
D0
BUSY
READY
CHECK
STATUS
10 0
0
1 Xn X0
Figure 8. WRAL Sequence
Notes: 1. An: n = 7 for x16 org. and 8 for x8 org.
2. Xn: n = 5 for x16 org. and 6 for x8 org.
Note: 1. Xn: n = 5 for x16 org. and 6 for x8 org.
8/13
ST93C56/56C, ST93C57C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com