Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SS12
Description  1.0A Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS12 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SS12 Datasheet HTML 1Page - TAITRON Components Incorporated SS12 Datasheet HTML 2Page - TAITRON Components Incorporated SS12 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B/AH 2008-02-18
SS12 – SS110
1.0A Surface Mount
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Schottky Rectifier
Features
• Low Profile in SMA Package
• High current capability, low forward voltage drop
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• High temperature soldering guaranteed: 250° C/10 seconds, at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AC, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750D, Method 2026
Polarity
Color band denotes the cathode end
Weight:
0.002 ounce, 0.064 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
Unit
Conditions
VRMS
Maximum RMS voltage
14
21
28
35
42
63
70
V
VRRM
Maximum repetitive peak reverse
voltage
20
30
40
50
60
90
100
V
VDC
Maximum DC blocking voltage
20
30
40
50
60
90
100
V
I(AV)
Maximum average forward rectified
current (FIG.1)
1.0
A
IFSM
Peak forward surge current
(JEDEC Method)
40
A
8.3ms single half sine-
wave superimposed on
rated load
VF
Maximum instantaneous forward
voltage at 3.0A
0.50
0.75
0.85
V
I(AV)=1.0A
0.5
Ta=25 °C
IR
Maximum DC reverse current at
rated DC blocking voltage
20
mA
Ta=100 °C
50
RθJA
RθJL
Maximum thermal resistance,
Junction to Ambient
28
° C/W
CJ
Typical Junction Capacitance
(NOTE)
110
pf
VR=4V, f=1MHz
TJ
Operating junction temperature
range
-50 to +125
-50 to +150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
SMA
(DO-214AC)


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS12 TRSYS-SS12 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS12 JGD-SS12 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
TAITRON Components Inco...
TSMF14 TAITRON-TSMF14 Datasheet
136Kb / 4P
1.0A Surface Mount Schottky Rectifier
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
1.0A Surface Mount Schottky Rectifier
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
MBRS1100T3 SUNMATE-MBRS1100T3 Datasheet
297Kb / 2P
1.0A Surface Mount Schottky Power Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com