Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158Q6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST90R158Q6
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158Q6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST90R158Q6 Datasheet HTML 38Page - STMicroelectronics ST90R158Q6 Datasheet HTML 39Page - STMicroelectronics ST90R158Q6 Datasheet HTML 40Page - STMicroelectronics ST90R158Q6 Datasheet HTML 41Page - STMicroelectronics ST90R158Q6 Datasheet HTML 42Page - STMicroelectronics ST90R158Q6 Datasheet HTML 43Page - STMicroelectronics ST90R158Q6 Datasheet HTML 44Page - STMicroelectronics ST90R158Q6 Datasheet HTML 45Page - STMicroelectronics ST90R158Q6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 190 page
background image
42/190
ST90158 - REGISTER AND MEMORY MAP
Table 8. Detailed Register Map
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
N/A
Core
R230
CICR
Central Interrupt Control Register
87
R231
FLAGR
Flag Register
00
R232
RP0
Pointer 0 Register
xx
R233
RP1
Pointer 1 Register
xx
R234
PPR
Page Pointer Register
xx
R235
MODER
Mode Register
E0
R236
USPHR
User Stack Pointer High Register
xx
R237
USPLR
User Stack Pointer Low Register
xx
R238
SSPHR
System Stack Pointer High Reg.
xx
R239
SSPLR
System Stack Pointer Low Reg.
xx
I/O
Port
5:4,2:0
R224
P0DR
Port 0 Data Register
FF
R225
P1DR
Port 1 Data Register
FF
R226
P2DR
Port 2 Data Register
FF
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
0
INT
R242
EITR
External Interrupt Trigger Register
00
R243
EIPR
External Interrupt Pending Reg.
00
R244
EIMR
External Interrupt Mask-bit Reg.
00
R245
EIPLR
External Interrupt Priority Level Reg.
FF
R246
EIVR
External Interrupt Vector Register
x6
R247
NICR
Nested Interrupt Control
00
WDT
R248
WDTHR
Watchdog Timer High Register
FF
R249
WDTLR
Watchdog Timer Low Register
FF
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
R251
WDTCR
Watchdog Timer Control Register
12
R252
WCR
Wait Control Register
7F
SPI
R253
SPIDR
SPI Data Register
xx
R254
SPICR
SPI Control Register
00
2
I/O
Port
0
R240
P0C0
Port 0 Configuration Register 0
00
R241
P0C1
Port 0 Configuration Register 1
00
R242
P0C2
Port 0 Configuration Register 2
00
I/O
Port
1
R244
P1C0
Port 1 Configuration Register 0
00
R245
P1C1
Port 1 Configuration Register 1
00
R246
P1C2
Port 1 Configuration Register 2
00
I/O
Port
2
R248
P2C0
Port 2 Configuration Register 0
FF
R249
P2C1
Port 2 Configuration Register 1
00
R250
P2C2
Port 2 Configuration Register 2
00
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com