Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS56 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST93CS56
Description  2K 128 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS56 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST93CS56 Datasheet HTML 2Page - STMicroelectronics ST93CS56 Datasheet HTML 3Page - STMicroelectronics ST93CS56 Datasheet HTML 4Page - STMicroelectronics ST93CS56 Datasheet HTML 5Page - STMicroelectronics ST93CS56 Datasheet HTML 6Page - STMicroelectronics ST93CS56 Datasheet HTML 7Page - STMicroelectronics ST93CS56 Datasheet HTML 8Page - STMicroelectronics ST93CS56 Datasheet HTML 9Page - STMicroelectronics ST93CS56 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
POWER-ON DATA PROTECTION
In order to prevent data corruption and inadvertent
write operations during power up, a Power On
Reset (POR) circuit resets all internal programming
circuitry and sets the device in the Write Disable
mode. When VCC reaches its functional value, the
device is properlyreset (in the Write Disable mode)
and is ready to decode and execute an incoming
instruction. A stable VCC must be applied before
any logic signal.
INSTRUCTIONS
The ST93CS56/57 has eleven instructions, as
shown in Table 6. Each instruction is composed of
a 2 bit op-code and an 8 bit address. Each instruc-
tion is preceded by the rising edge of the signal
applied on the Chip Select ( S) input (assuming that
the Clock C is low). The data input D is then
sampled upon the following rising edges of the
clock C until a ’1’ is sampled and decoded by the
ST93CS56/57 as a Start bit.
The ST93CS56/57 is fabricated in CMOS technol-
ogy and is therefore able to run from zero Hz (static
input signals) up to the maximum ratings (specified
in Table 5).
Read
The Read instruction (READ) outputs serial data
on the Data Output (Q). When a READ instruction
is received, the instruction and address are de-
coded and the data from the memory is transferred
into an output shift register. Adummy ’0’ bit is output
first followed by the 16 bit word with the MSB first.
Instruction
Description
W
pin
(1)
PRE
pin
Op
Code
Address
(1, 2)
Data
Additional
Information
READ
Read Data from
Memory
X
’0’
10
A7-A0
Q15-Q0
WRITE
Write Data to Memory
’1’
’0’
01
A7-A0
D15-D0
Write is executed if
the address is not
inside the Protected
area
PAWRITE
Page Write to Memory
’1’
’0’
11
A7-A0
D15-D0
Write is executed if
all the addresses
are not inside the
Protected area
WRALL
Write All Memory
’1’
’0’
00
01XX XXXX
D15-D0
Write all data if the
Protect Register is
cleared
WEN
Write Enable
’1’
’0’
00
11XX XXXX
WDS
Write Disable
X
’0’
00
00XX XXXX
PRREAD
Protect Register Read
X
’1’
10
XXXX XXXX
Q8-Q0
Data Output =
Protect Register
content + Protect
Flag bit
PRWRITE
Protect Register Write
’1’
’1’
01
A7-A0
Data above
specified address
A7-A0 are
protected
(2)
PRCLEAR
Protect Register Clear
’1’
’1’
11
1111 1111
Protect Flag is also
cleared (cleared
Flag = 1)
PREN
Protect Register Enable
’1’
’1’
00
11XX XXXX
PRDS
Protect Register Disable
’1’
’1’
00
0000 0000
OTP bit is set
permanently
Notes: 1. X = don’t care bit.
2. Address bit A7 is not decoded by the ST93CS56/57.
Table 6. Instruction Set
6/16
ST93CS56, ST93CS57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com