Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCM3 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ECCM3
Description  1.5mm GLASS SURFACE MOUNT CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM3 Datasheet(HTML) 2 Page - Ecliptek Corporation

  ECCM3 Datasheet HTML 1Page - Ecliptek Corporation ECCM3 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Range:
Frequency Tolerance@ 25°C
2
3
4
5
Frequency Stability
Shunt Capacitance (C0)
Load Capacitance (CL)
Mode of Operation
Blank
T
Operating/Storage Temperature
Drive Level
Aging@ 25°C
Equivalent Series Resistance
Insulation Resistance
11.000MHz to 120.000MHz
±10ppm
±15ppm
±20ppm
±30ppm
See Table1 for Available Frequency Stabilities
5pF Maximum
18pF Standard, CL
10pF and Series Available
Fundamental from 11.000MHz to 39.999MHz
Third Overtone from 40.000MHz to 120.000MHz
See Table1 for Operating Temperature / -40°C to +85°C
100µWatts Maximum
±2ppm/year Maximum
30 Ohms Maximum 11.000MHz to 39.999MHz (Fundamental)
50 Ohms Maximum 40.000MHz to 120.000MHz (Third Overtone)
500 Megaohms Minimum at 100Vdc
≥
STANDARD SPECIFICATIONS
SPECIFICATION CONTROL DRAWING
ALL DIMENSIONS
IN MILLIMETERS
5.2 ±0.1
6.7 ±0.1
1
2
3
4
1.5 ±0.1
0.16 ±0.01
2.54 ±0.10
0.60
±0.08
3.55
±0.10
5.9 ±0.1
Ni: 3µ ±1µ
Ni: 3µ ±1µ
Au: 0.06µ- 0.6µ
Ni: 3µ ±1µ
Au: 0.06µ- 0.6µ
Glass
Shock:
Vibration:
Seal Integrity:
Solderability:
Marking Permenancy:
Conditions and Criteria Listed in TQC41-883-007
Conditions and Criteria Listed in TQC41-883-008
Conditions and Criteria Listed in TQC41-883-003
Conditions and Criteria Listed in TQC41-883-004/ 75% coverage
Conditions and Criteria Listed in TQC41-883-001
ENVIRONMENTAL& MECHANICAL
A
±5
X
Range
-10°C to +60°C
-20°C to +60°C
0°C to +70°C
-10°C to +70°C
-20°C to +70°C
-30°C to +60°C
-20°C to +80°C
Code
A
B
C
D
E
F
G
B
±10
X
X
X
X
X
C
±15
X
X
X
X
X
D
±20
X
X
X
X
X
E
±30
X
X
X
X
X
X
X
Code
Range
OPERATING
TEMPERATURE
FREQUENCY STABILITY (PPM)
X Denotes Availability
TABLE 1: PART NUMBERING CODES
PART NUMBERING GUIDE
ECCM3
--
2AB T 20 70.000M TR
Frequency Tolerance
Code per Frequency Tolerance@ 25°C Listed
Under Standard Specifications (2, 3, 4, or 5)
Frequency Stability
Code Per Table1
Load Capacitance
Blank= 18pF (standard)
S= Series, XX= XXpF
Frequency
Mode of Operation
Blank= Fundamental
T= Third Overtone
Operating Temperature Range
Code Per Table1
Packaging Options
Blank= Bulk
TR= Tape& Reel
(CPA70-131-000)
MARKING GUIDE
NOTE: Marking shall conform to conditions
listed in TQC41-001-000.
(Line #2) XX.XXXM
(Line #1) ECLIP
(Line #3) XXY ZZ
Frequency
Last Digit of Year
Ecliptek Manufacturing Code (TEN02-001-000)
Week of Year
ECLIP
XX.XXXM
XXYZZ
PAGE1 OF2
Drawing Number
CCR31-002-000
Title
1.5mm GLASS SURFACE MOUNT CRYSTAL
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
D
2990
PAD CONNECTIONS
#1: CRYSTAL
#2: NO CONNECT
#3: CRYSTAL
#4: NO CONNECT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com