Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TMA
Description  Axial Ceramic Monolithic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TMA Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TMA Datasheet HTML 1Page - TAITRON Components Incorporated TMA Datasheet HTML 2Page - TAITRON Components Incorporated TMA Datasheet HTML 3Page - TAITRON Components Incorporated TMA Datasheet HTML 4Page - TAITRON Components Incorporated TMA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A/AJ 2008-03-13
TMA Series
Axial Ceramic Monolithic Capacitor
www.taitroncomponents.com
Page 3 of 5
Temprature Specification
Note: Other Tolerance is available per request
Packing Information (Unit:mm)
TC
Operation Temperature
Range(° C)
Max. Dissipation
Factor(%)
Temperature
Characteristics
Standard Capacitance
Tolerance
NPO
-55 to +125
0.1
0±30ppm/° C
J:±5%
X5R
-55 to +85
2.5
±15%∆C
K:±10%
X7R
-55 to +125
2.5
±15%∆C
K:±10%
X8R
-55 to +150
2.5
±15%∆C
K:±10%
Y5V
-30 to +85
5.0
+22% to -82%∆C
Z:+80% / -20%
Z5U
+10 to+85
4.0
+22% to -82%∆C
M:±20%, Z:+80% / -20%
Tape:
Ammo:
Reel:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com