Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCM2 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ECCM2
Description  2.5mmCeramic Surface Mount Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM2 Datasheet(HTML) 2 Page - Ecliptek Corporation

  ECCM2 Datasheet HTML 1Page - Ecliptek Corporation ECCM2 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Range:
Frequency Tolerance/Stability:
Blank
J
Shunt Capacitance (Co)
Load Capacitance (CL)
Blank
XX
S
Mode of Operation
Blank
T
Storage Temperature
Drive Level
Aging@ 25°C
Insulation Resistance
3.579545MHz to 70.000MHz
±50ppm at 25°C, ±100ppm over -10°C to +60°C
±30ppm at 25°C, ±50ppm over -10°C to +60°C
7pF Maximum
18pF Standard
CL
12pF
Series
Fundamental from 3.579545MHz to 30.000MHz
Third Overtone from 30.000MHz to 70.000MHz
-30°C to +85°C
1 mWatt Maximum
±5ppm/year Maximum
500 Megaohms Minimum at 100Vdc
≥
STANDARD SPECIFICATIONS
ENVIRONMENTAL& MECHANICAL
Shock:
Vibration:
Seal Integrity:
Solderability:
Marking Permenancy:
Conditions and Criteria Listed in TQC41-883-007
Conditions and Criteria Listed in TQC41-883-008
Conditions and Criteria Listed in TQC41-883-003
Conditions and Criteria Listed in TQC41-883-004/ 95% coverage
Conditions and Criteria Listed in TQC41-883-001
FREQUENCY VS. EQUIVALENT SERIES RESISTANCE (ESR Ohms Maximum)
Frequency Range
3.579- 3.999
4.000- 4.999
5.000- 6.999
Frequency Range
7.000- 9.999
10.000- 14.999
15.000- 23.999
Frequency Range
24.000- 30.000
30.000- 70.000 (3rd)
ESR
150
130
80
ESR
60
45
30
ESR
30
100
J T 20 30.000M TR
ECCM2
--
Load Capacitance
Blank= 18pF (Standard)
S= Series
XX= XXpF
Frequency
Packaging Options
Blank= Bulk
TR= Tape& Reel (CPA70-071-000)
Mode of Operation
Blank= Fundamental
T= Third Overtone
Frequency Tolerance/Stability
Blank= ±50ppm at 25°C, 100ppm over -10°C to +60°C
J= ±30ppm at 25°C, 50ppm over -10°C to +60°C
PART NUMBERING GUIDE
ALL DIMENSIONS
IN MILLIMETERS
PAGE1 OF1
SPECIFICATION CONTROL DRAWING
Drawing Number
CCR30-002-000
Title
2.5mm Ceramic Surface Mount Crystal
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
B
1858
EXX.XXX
EXX.XXX
Frequency in MHz
Note: Marking shall conform to conditions listed in
TQC41-001-000.
MARKING GUIDE
PAD
CONNECTION
2.0 ±0.1
1.0 ±0.1
3.90
±0.10
2.50
MAX
11.0
MAX
5.08
MAX
4.88
±0.10
10.0
±0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com