Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS66 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST93CS66
Description  4K 256 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS66 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST93CS66 Datasheet HTML 4Page - STMicroelectronics ST93CS66 Datasheet HTML 5Page - STMicroelectronics ST93CS66 Datasheet HTML 6Page - STMicroelectronics ST93CS66 Datasheet HTML 7Page - STMicroelectronics ST93CS66 Datasheet HTML 8Page - STMicroelectronics ST93CS66 Datasheet HTML 9Page - STMicroelectronics ST93CS66 Datasheet HTML 10Page - STMicroelectronics ST93CS66 Datasheet HTML 11Page - STMicroelectronics ST93CS66 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AI00889D
11 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
S
WRITE
ADDR
OP
CODE
1 0
An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
WRITE
ENABLE
1
0
Xn X0
D
OP
CODE
1
01
S
WRITE
DISABLE
1
0
Xn X0
D
OP
CODE
00
0
CHECK
STATUS
ADDR
PRE
READ
PRE
W
PRE
W
PRE
Figure 6. READ, WRITE, WEN, WDS Sequences
8/16
ST93CS66, ST93CS67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com