Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISA1235AC1MF Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # ISA1235AC1MF
Description  SMALL-SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISA1235AC1MF Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  ISA1235AC1MF Datasheet HTML 1Page - Isahaya Electronics Corporation ISA1235AC1MF Datasheet HTML 2Page - Isahaya Electronics Corporation ISA1235AC1MF Datasheet HTML 3Page - Isahaya Electronics Corporation ISA1235AC1MF Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
ISA1235AC1 ISA1602AM1
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON PNP EPITAXIAL TYPE
DESCRIPTION
OUTLINE DRAWING
UNIT:mm
ISA1 235 AC1
ISA1 602 AM1
ISA1235AC1 ISA1602AM1 is super mini
package resin sealed silicon PNP epitaxial type
transistor.
These are designed for low frequency voltage
amplify application .
FEATURE
・Excellent linearity of DC forward current gain.
・Small collector to emitter saturation voltage
VCE(sat)=-0.3Vmax
APPLICATION
JEITA:SC-59
JEDEC:TO-236 resemblance
JEITA:SC-70
JEDEC:-
For small type machine low frequency voltage
amplify application.
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Ratings
Symbol
Parameter
ISA1235AC1
ISA1602AM1
UNIT
V
CBO
Collector to Base voltage
-60
V
V
EBO
Collector to Emitter voltage
-6
V
V
CEO
Emitter to Base voltage
-50
V
I
C
Collector current
-200
mA
P
C
Collector dissipation
200
mW
Tj
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
Limits
Symbol
Parameter
Test conditions
Min
Ave
Max
UNIT
V
(BR)CEO
Collector to Emitter Breakdown voltage
I
C=-100μA,RBE=∞
-50
V
I
CBO
Collector cut off current
V
CB=-60V,I E =0
-0.1
μA
I
EBO
Emitter cut off current
V
EB=-6V,I C =0
-0.1
μA
h
FE*
DC forward current gain
V
CE=-6V,I C =-1mA
150
500
-
h
FE
DC forward current gain
V
CE=-6V,I C =-0.1mA
90
-
V
CE(sat)
Collector to Emitter saturation voltage
I
C =-100mA,I B =-10mA
-0.3
V
f
T
Gain bandwidth product
V
CE=-6V,I E =10mA
200
MHz
Cob
Collector output capacitance
V
CB=-6V,I E =0,f=1MHz
4.0
pF
NF
Noise Figure
V
CE=-6V,I E =0.3mA,
f=100Hz,RG=10kΩ
20
dB
0.5
1.5
0.5
2.5
①
②
③
1.2
0.425
2.1
①
②
③
0.425
E
F
hFE
150~300
250~500
0~0.1
0~0.1
ISAHAYA ELECTRONICS CORPORATION
MARKING
MF
.
hFE ITEM
*:It shows hFE classification in below table.


Similar Part No. - ISA1235AC1MF

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISA1235AC1 ISAHAYA-ISA1235AC1 Datasheet
197Kb / 5P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - ISA1235AC1MF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com