Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INC2001AX Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INC2001AX
Description  SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC2001AX Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INC2001AX Datasheet HTML 1Page - Isahaya Electronics Corporation INC2001AX Datasheet HTML 2Page - Isahaya Electronics Corporation INC2001AX Datasheet HTML 3Page - Isahaya Electronics Corporation INC2001AX Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FOR MUTING APPLICATION
INC2001AX SERIES
SILICON NPN EPITAXIAL TYPE
FEATURE
OUTLINE DRAWING
Unit:mm
INC2001AT2 (PRELIMINARY)
INC2001AM1
・Small package for easy mounting.
・High reverse hFE
・Small collector to emitter saturation voltage.
VCE(sat)=40mV(TYP.)(@IC=50mA/IB=2.5mA)
・Low on Resistance
Ron=0.65Ω(TYP.)(@IB=5mA)
APPLICATION
muting circuit , switching circuit
JEITA, JEDEC:-
ISAHAYA:T-USM
JEITA:SC-70
JEDEC:-
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
INC2001AU1
INC2001AC1
JEITA:SC-75A
JEDEC:-
JEITA:SC-59
JEDEC:Similar to TO-236
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
1.25
0.425
2.1
①
②
③
0.425
0.4
0.8
0.4
1.6
①
②
③
0.5
1.5
0.5
2.5
①
②
③
0.2
0.8
0.2
①
②
③
ISAHAYA ELECTRONICS CORPORATION
MARKING
R W ・
R W ・


Similar Part No. - INC2001AX

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INC2001AX ISAHAYA-INC2001AX Datasheet
139Kb / 4P
FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
INC2001AX ISAHAYA-INC2001AX_08 Datasheet
139Kb / 4P
FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - INC2001AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
Silicon NPN Epitaxial Type
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com