Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRB3-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VRB3-DIP
Description  Dc-Dc Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRB3-DIP Datasheet(HTML) 2 Page - CUI INC

  VRB3-DIP Datasheet HTML 1Page - CUI INC VRB3-DIP Datasheet HTML 2Page - CUI INC VRB3-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Rev. 12-2006
2/ 3
VRB3-DIP Series Dc-Dc Converter
Notes:
1. All specifications measured at TA=25 °C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.
2. See recommended circuits below for more details.
Applications:
The VRB3-DIP Series are specially designed for applications where wide range input voltage power supplies are
isolated from the input power supply in a distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide range (voltage range: 2:1);
2) Where isolation is necessary between input and output (Isolation Voltage = 1500 Vdc)
3) Where the regulation of the output voltage and the output ripple noise are demanding.
These products don’t apply to:
1) Where the input voltage t is required to be more than 2:1;
2) Where the isolation voltage between input and output is required to be >1500VDC;
3) The output load’s actual power consumption is less than 1W.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Output power
See below
0.3 W
3 W
Line Regulation
Input voltage from low to high
±0.2%
±0.5%
Load Regulation
From 10% to 100% load
±0.5%
±0.75%
Output voltage accuracy
refer to recommended circuit
±1%
±3%
Temperature drift
refer to recommended circuit
0.03%/°C
Ripple
20 Hz-300 KHz Bandwidth
30 mVp-p
60 mVp-p
Noise
DC-20MHz Bandwidth
80 mVp-p
150 mVp-p
Switching frequency
100% load
80 KHz
300 KHz
10% load
250 KHz
600 KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com