Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95010 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST95010
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95010 Datasheet(HTML) 2 Page - STMicroelectronics

  ST95010 Datasheet HTML 1Page - STMicroelectronics ST95010 Datasheet HTML 2Page - STMicroelectronics ST95010 Datasheet HTML 3Page - STMicroelectronics ST95010 Datasheet HTML 4Page - STMicroelectronics ST95010 Datasheet HTML 5Page - STMicroelectronics ST95010 Datasheet HTML 6Page - STMicroelectronics ST95010 Datasheet HTML 7Page - STMicroelectronics ST95010 Datasheet HTML 8Page - STMicroelectronics ST95010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
(PSDIP8 package)
40 sec
10 sec
215
260
°C
VO
Output Voltage
–0.3 to VCC +0.6
V
VI
Input Voltage with respect to Ground
–0.3 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
4000
V
Electrostatic Discharge Voltage (Machine model)
(3)
500
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not i mplied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100pF, 1500
Ω)
3. EIAJ IC-121 (Condition C) (200pF, 0
Ω)
Table 2. Absolute Maximum Ratings (1)
The device connected to the bus is selected when
the chip select input (S) goes low. Communications
with the chip can be interrupted with a hold input
(HOLD). The write operation is disabled by a write
protect input (W).
Data is clocked in during the low to high transition
of clock C, data is clocked out during the high to
low transition of clock C.
SIGNALS DESCRIPTION
Serial Output (Q). The output pin is used to trans-
fer data serially out of the Memory. Data is shifted
out on the falling edge of the serial clock.
Serial Input (D). The input pin is used to transfer
data serially into the device. It receivesinstructions,
addresses, and the data to be written. Input is
latched on the rising edge of the serial clock.
D
VSS
C
HOLD
Q
SVCC
W
AI01436B
ST950x0
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
AI01437B
2
3
4
8
7
6
5D
VSS
C
HOLD
Q
SVCC
W
ST950x0
Figure 2B. SO Pin Connections
DESCRIPTION (cont’d)
2/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com