Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95P04 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST95P04
Description  SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P04 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST95P04 Datasheet HTML 8Page - STMicroelectronics ST95P04 Datasheet HTML 9Page - STMicroelectronics ST95P04 Datasheet HTML 10Page - STMicroelectronics ST95P04 Datasheet HTML 11Page - STMicroelectronics ST95P04 Datasheet HTML 12Page - STMicroelectronics ST95P04 Datasheet HTML 13Page - STMicroelectronics ST95P04 Datasheet HTML 14Page - STMicroelectronics ST95P04 Datasheet HTML 15Page - STMicroelectronics ST95P04 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ORDERING INFORMATION SCHEME
For a list of available options (Package, Temperature Range, etc...) refer to the current Memory Shortform
catalogue.
For further information on any aspect of this device, please contact the SGS-THOMSON Sales Office
nearest to you.
Notes: P * Data In strobed on rising edge of the clock (C) and Data Out synchronized from the falling edge of the clock.
3 * Temperature range on special request only.
Data Strobe
P *
D
Q
Package
B
PSDIP8
0.25 mm Frame
M
SO8
1501mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3 *
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST95P04
M
6
TR
13/16
ST95P04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com