Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 7Page - STMicroelectronics STA015 Datasheet HTML 8Page - STMicroelectronics STA015 Datasheet HTML 9Page - STMicroelectronics STA015 Datasheet HTML 10Page - STMicroelectronics STA015 Datasheet HTML 11Page - STMicroelectronics STA015 Datasheet HTML 12Page - STMicroelectronics STA015 Datasheet HTML 13Page - STMicroelectronics STA015 Datasheet HTML 14Page - STMicroelectronics STA015 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
STA015
MCU
GPSO_SCKR
GPSO_SCKR
GPSO_REQ
GPSO_DATA
GPSO_DATA
GPSO_REQ
D00AU1145
Figure 10.
To enable the GPSO interface bit GEN of
GPSO_ENABLE register must be set. Using the
GPSO_CONF register the protocol can be config-
ured in order to provide outcoming data on ris-
ing/falling edge of GPSO_SCKR input clock; the
GPSO_REQ request signal polarity (usually con-
nected to an MCU interrupt line) can be config-
ured as well.
ADC Inteface
Beside the serial input interface based on SDI
and SCKR lines a 3 wire flexible and user config-
urable input interface is also available, suitable to
interface with most A/D converters. To configure
this interface 4 specific I
2C registers are available
(ADC_ENABLE, ADC_CONF, ADC_WLEN and
ADC_WPOS). Refer to registers description for
more details.
General Purpose I/O Interface
A new general purpose I/O interface has been
added to this device (TQFP44 and LFBGA64
only). Actually only the strobe line is used in
ADPCM to provide an interrupt; the use of the
other bits is still to be defined. The related con-
figuration register is GPIO_CONF. See the follow-
ing summary for related pin usage:
Name
Description
Dir
I/ODATA [0]
....................
I/ODATA [7]
GPIO data line
I/O
....
I/O
GPIO_STROBE
GPIO strobe line
I/O
2.5 ADPCM Encoding: Overview
According to the previously described interfaces
there are 4 ways to manage ADPCM data stream
while encoding. Input interface can be either the
serial receiver block (SDI + SCKR + DATA_REQ
lines) or the ADC specific interface.
Output interfaces can be either the I
2C bus (with
or without interrupt line) or the GPSO high-speed
serial interface (GPSO_REQ + GPSO_ DATA +
GPSO_SCKR lines). This result in the following 4
methods to handle encoding flow:
INPUT (data to encode)
Output (encoded data)
Available on
package
ADC I/F (SDI_ADC + LRCK_ADC + SCK_ADC)
GPSO I/F (GPSO_REQ + GPSO_DATA +
GPSO_SCKR)
TQFP44
LFBGA64
ADC I/F (SDI_ADC + LRCK_ADC + SCK_ADC)
I
2C + Interrupt (SCL + SDA + DATA_REQ)
SO28/TQFP44
LFBGA64
SERIAL I/F (SCKR + SDI + DATA_REQ)
GPSO I/F (GPSO_REQ + GPSO_DATA +
GPSO_SCKR)
TQFP44
LFBGA64
SERIAL I/F (SCKR + SDI + DATA_REQ) (*)
I
2C (polling) (SCL + SDA)
SO28/TQFP44
LFBGA64
(*) STA013 Compatible mode
ADC I/F
ENCOD
ENGINE
I2C
GPSO
MUX
SDA
SCL
DATA_REQ
LRCK_ADC
SDI_ADC
SCK_ADC
GPSO_REQ
GPSO_DATA
GPSO_SCKR
SERIAL
RECEIVER
SDI
SCKR
DATA_REQ
D99AU1064
Figure. 11
STA015-STA015B-STA015T
11/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com