Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM613FP16AS-85LL Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM613FP16AS-85LL
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM613FP16AS-85LL Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM613FP16AS-85LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM613FP16AS-85LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM621FU16BU Series
Low Power, 128Kx16 SRAM
10
44Pin - TSOP Type2
PACKAGE DIMENSIONS
Unit : millimeters/Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com