Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSQ-706BS Datasheet(PDF) 3 Page - CUI INC

Part # CSQ-706BS
Description  magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSQ-706BS Datasheet(HTML) 3 Page - CUI INC

  CSQ-706BS Datasheet HTML 1Page - CUI INC CSQ-706BS Datasheet HTML 2Page - CUI INC CSQ-706BS Datasheet HTML 3Page - CUI INC CSQ-706BS Datasheet HTML 4Page - CUI INC CSQ-706BS Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CSQ-706BS
Description: magnetic buzzer
Date: 10/04/2006
Unit: mm
Page No: 3 of 5
Mechanical Characteristics
Item
Test Condition
Vibration
The buzzer will be measured after applying
a vibration amplitude of 1.52 mm (9.3G) with
10 to 55 to 10 Hz band of vibration frequency to
each of the 3 perpendicular directions for 2
hours.
Drop Test
The part is to be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axis (X, Y, Z) for a total of 9 drops.
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance and
the SPL should be within ±10
dBA of the initial SPL.
Measurement Method



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com