Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK-S15 Datasheet(PDF) 2 Page - CUI INC

Part # FSK-S15
Description  switching power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S15 Datasheet(HTML) 2 Page - CUI INC

  FSK-S15 Datasheet HTML 1Page - CUI INC FSK-S15 Datasheet HTML 2Page - CUI INC FSK-S15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: switching power supply
2 of 3
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: FSK-S15 series
PROTECTION CIRCUIT
parameter
conditions/description
output over current
works at over 105% of the rating and recovers automatically.
over temperature
145 ºC
GENERAL
parameter
conditions/description
min
nom
max
units
operating temp.
-10
60
ºC
storage temp.
-20
70
ºC
operating humid.
non-condensing
20%
90%
RH
storage humid.
non-condensing
20%
90%
RH
isolation voltage
applied for 1 minute, 10mA
(HI-POT)
primary to secondary, 500 Vdc @ 100 M
Ω
3000
VAC
vibration
at 10G 3 minute period
10
55
Hz
impact
50G for 11mS, once on each X, Y, Z axis
MTBF
3.0 x 105
hours
RoHS
yes
safety
approved to UL60950(E222889), CSA C22.2 NO.60950, CB(IEC 60950), CE(EN60950)
EMC1
EN61204-3 class B, EN 61000-3-3, EN 61000-3-2 (through TUV)
warranty
standard warranty length
2
years
NOTE:
1. to meet the standard of EN61204-3 class B, use the external noise filter between L and N (refer to manual)
DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com