Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2200B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2200B7
Description  Memory & IDE Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2200B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2200B7 Datasheet HTML 1Page - CTS Corporation RT2200B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
Memory & IDE Terminator
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Top Side Probe-able Information
Solder Mask Dia = Pad
Diameter +.15mm(.006 inch)
BGA Routing Scheme
.005 Inch
Wide Traces
Top Side Probe-able Probe
Pad 4x8 Array Shown
Refer to Top Probe-able
Application Notes for additional
information.
Note: Add a ‘P’ suffix to order Top Side Probe-able version.
Example: RT2203B7PTR7.
Refer to the following link for detailed Top Side Probe-able Information:
www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_2__B7
CTS YRWK
D
16 Bit
L
W
H
P
D
K
mm
8.00
±0.15
4.00
±0.15 1.19±0.15 1.00±0.25 0.64±0.05 0.50±0.25
Style C
inch
.315
±.006
.157
±.006 .047±.006 .039±.010 .025±.002 .020±.010
32 Bit
L
W
H
P
D
K
mm
16.00
±0.15 4.00±0.15 1.19±0.15 1.00±0.25 0.64±0.05 0.50±0.25
Style C
inch
.630
±.006
.157
±.006 .047±.006 .039±.010 .025±.002 .020±.010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com