Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2201B7 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT2201B7
Description  Memory & IDE Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2201B7 Datasheet(HTML) 1 Page - CTS Corporation

  RT2201B7 Datasheet HTML 1Page - CTS Corporation RT2201B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
Memory & IDE Terminator
Style C
Electrical Specifications
16 Bits
DE
F
AB
C
G
H
1
2
3
4
Typical Application
RT2202B7
DRAM Series Termination
for Address Lines
Features
•
16 or 32 Bit Terminators
•
Ultra Low I/O Coupling
•
Slim BGA Package
•
±1% Resistor Tolerance
• Top Side Probe-able Version Available for
Development
•
RoHS Compliant Designs Available
•
Compatible with both lead and lead
free processes
Ordering Information
1.00mm Pitch
Standard Part
No.
Style
R1
Ω
Bits
Array
Size
1.00mm Pitch
RoHS Part No.
RT1200B7*
C
10
16
4 x 8
RT2200B7*
RT1202B7
C
33
16
4 x 8
RT2202B7
RT1232B7
C
22
16
4 x 8
RT2232B7
RT1233B7
C
25
16
4 x 8
RT2233B7
RT1235B7
C
50
16
4 x 8
RT2235B7
RT1201B7*
C
10
32
4 x 16
RT2201B7*
RT1203B7
C
33
32
4 x 16
RT2203B7
RT1205B7*
C
50
32
4 x 16
RT2205B7*
RT1236B7
C
100
32
4 x 16
RT2236B7
* - Indicates Top Side Probable versions available.
Description
This source terminator network provides high performance
resistor termination for high-speed data busses.
Designed with a ceramic substrate, this device minimizes
channel capacitance, a primary cause of reduced system
performance. In addition, the BGA package eases routing
design, saving the designer many hours of printed circuit layout.
The BGA packaging has been proven to reduce rework and
improve reliability.
Memory & IDE Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
32 Bits
DE
F
AB
C
G
H
M
N
P
JK
L
R
T
1
2
3
4
R1
R1
R1
R1
Resistor Tolerance:
± 1.0%
TCR
±200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Temperature
Per IPC/JEDEC J-STD-020C
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2400B6TR7
13 inch reel, Add TR13 to part
number, example RT2400B6TR13
(Bulk packaging is not available)
Direction of Feed


Similar Part No. - RT2201B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2210B7 CTS-RT2210B7 Datasheet
61Kb / 2P
VME64, VME64x Terminator RoHS Compliant Parts Available
RT2210B7 CTS-RT2210B7 Datasheet
61Kb / 2P
Terminator
RT2211B7 CTS-RT2211B7 Datasheet
61Kb / 2P
VME64, VME64x Terminator RoHS Compliant Parts Available
RT2211B7 CTS-RT2211B7 Datasheet
61Kb / 2P
Terminator
logo
Adam Technologies, Inc.
RT224 ADAM-TECH-RT224 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
More results

Similar Description - RT2201B7

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN010 CALMIRCO-PACDN010 Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
USB to IDE/ATAPI Solution
Revised November 30, 2001
logo
NEC
UPD720130 NEC-UPD720130 Datasheet
316Kb / 44P
USB2.0 to IDE Bridge
logo
Winbond
W83769 WINBOND-W83769 Datasheet
163Kb / 21P
LOCAL BUS IDE SOLUTION
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
Terminator
logo
Transcend Information. ...
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
IDE HDD Enclosure
logo
Micrel Semiconductor
MIC5167 MICREL-MIC5167_12 Datasheet
719Kb / 23P
1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID_17 Datasheet
151Kb / 1P
Flash in Disk-IDE
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
IDE/ATA standard interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com