Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA120D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA120D
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120D Datasheet(HTML) 1 Page - STMicroelectronics

  STA120D Datasheet HTML 1Page - STMicroelectronics STA120D Datasheet HTML 2Page - STMicroelectronics STA120D Datasheet HTML 3Page - STMicroelectronics STA120D Datasheet HTML 4Page - STMicroelectronics STA120D Datasheet HTML 5Page - STMicroelectronics STA120D Datasheet HTML 6Page - STMicroelectronics STA120D Datasheet HTML 7Page - STMicroelectronics STA120D Datasheet HTML 8Page - STMicroelectronics STA120D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
STA120
December 2002
s
MONOLITHIC CMOS RECEIVER
s
3.3V SUPPLY VOLTAGE
s
LOW-JITTER, ON-CHIP CLOCK RECOVERY
256xFs OUTPUT CLOCK PROVIDED
s
SUPPORTS: AES/EBU, IEC 958, S/PDIF, &
EIAJ CP-340/1201 PROFESSIONAL AND
CONSUMER FORMATS
s
EXTENSIVE ERROR REPORTING REPEAT
LAST SAMPLE ON ERROR OPTION
DESCRIPTION
The STA120 is a monolithic CMOS device that re-
ceives and decodes audio data according to the
AES/EBU, IEC 958, S/PDIF, & EIAJ CP-340/1201
interface standards.
The STA120 recovers the clock and synchroniza-
tion signals and de-multiplexes the audio and dig-
ital data. Differential or single ended inputs can be
decoded.
The STA120 de-multiplexes the channel, user and
validity data directly to serial output pins with ded-
icated output pins for the most important channel
status bits.
SO28
ORDERING NUMBER: STA120D
DIGITAL AUDIO INTERFACE RECEIVER
BLOCK DIAGRAM
AUDIO
SERIAL PORT
REGISTERS
DE MUX
CLOCK & DATA
RECOVERY
C0/E0
M2
M0
AGND
FILT
SDATA
SCK
FSYNC
C
U
VREF
ERF
CBL
RXP
9
25
15
26
12
11
23
18
6
1
14
28
D97AU613A
M1
24
VA+
MCK
8
7
DGND
VD+
19
21
20
22
RS422
Receiver
RXN
10
MUX
13
CS12/FCK
16
SEL
MUX
Ca/E1
5
Cb/E2
4
Cc/F0
3
Cd/F1
2
Ce/F2
27
M3
17


Similar Part No. - STA120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results

Similar Description - STA120D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com