Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSCQ30-T Datasheet(PDF) 2 Page - CUI INC

Part # VSCQ30-T
Description  screw terminal DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ30-T Datasheet(HTML) 2 Page - CUI INC

  VSCQ30-T Datasheet HTML 1Page - CUI INC VSCQ30-T Datasheet HTML 2Page - CUI INC VSCQ30-T Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: screw terminal DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCQ30-T series
NOTES:
1. measured from high line to low line
2. measured from full load to 10% load
3. remote on/off control:
logic compatibility CMOS or open collector TTL
EC-ON
>+3.5VDC to 75Vdc or open circuit
EC-OFF
<1.2VDC
4. suffix “N” to the model number with negative logic remote on/off
EC-ON
<1.2VDC
EC-OFF
>+3.5VDC to 75Vdc or open circuit
5. maximum case temperature under any operating condition should not exceed 100°C
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
1500VDC min.
isolation resistance
108 ohms min
switching frequency
24Vin
300KHz, typ.
48Vin
250KHz, typ.
operating temperature range
-40°C to +85°C
derating, above 60°C
linearly to zero power at +100°C
case temperature
100°C max.
cooling
natural convection
storage temperature
-55°C to +125°C
thermal shutdown, case temp.
110°C, typ.
dimensions
3.0x2.25x0.67 inches
case material
black coated copper with non-conductive base
OUTPUT
voltage accuracy
±1.5% max.
transient response: 75%-100% step load change
error band
±5% Vout nominal
recovery time
<300μ sec.
external adjustment range, %Vo
±10%
ripple & noise, 20MHz BW (measured with 0.1uF MLCC)
3.3V & 5V
20mV RMS., max
75mV pk-pk, max.
12V & 15V
20 mV RMS, max. 100mV p-p, max
temperature coefficient
±0.02%/°C
short circuit protection
continuous (hiccup mode)
line regulation1
±0.5% max
load regulation2
±0.5% max
over voltage protection (Zener or TVS clamp)
3.3V
3.9V
5V
6.2V
12V
15V
15V
18V
current limit, % nominal output
110% ~ 150%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com