Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSNS5 Datasheet(PDF) 2 Page - CUI INC

Part # VSNS5
Description  Point of Load Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSNS5 Datasheet(HTML) 2 Page - CUI INC

  VSNS5 Datasheet HTML 1Page - CUI INC VSNS5 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
•
VSNS5 Series Point of Load Converter
Electrical Specifications
Voltage tolerance
±2.0%
Line regulation
±0.3%
Load regulation
±0.4%
Switching frequency
300KHz
Dimensions
22.9x13.9x8.6mm (SIP package)
Note: Suffix V is for SIP packaging
Suffix H is for SMT packaging
Drawings
V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to
verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer's applications
using V-Infinity products other than repair or replacing (at V-I's option) V-Infinity products not meeting V-I's published specifications. Nothing will
be covered outside of standard product warranty.
Pin assignment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com