Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS10 Datasheet(PDF) 2 Page - CUI INC

Part # MAS10
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS10 Datasheet(HTML) 2 Page - CUI INC

  MAS10 Datasheet HTML 1Page - CUI INC MAS10 Datasheet HTML 2Page - CUI INC MAS10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: absolute encoder
A
2 of 3
08/16/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MAS10
OUTPUT WAVEFORM
2
2
2
2
2
2
2
2
0
1
2
3
4
5
6
7
Black ~ 0V(com)
Red ~ 5V +/- 5%
Brown ~ 2 0
Orange ~ 2
Yellow ~ 2
Green ~ 2
Blue ~ 2
Purple ~ 2
Gray ~ 2
White ~ 2
1
2
3
4
5
6
7
Wiring Guide
CIRCUIT CONNECTIONS
4mA
max
CABLE SHIELD
Vcc
Signal
0V
10k Ohms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com