Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSCD12WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSCD12WS
Description  1.0A Low Profile Chip Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCD12WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSCD12WS Datasheet HTML 1Page - TAITRON Components Incorporated TSCD12WS Datasheet HTML 2Page - TAITRON Components Incorporated TSCD12WS Datasheet HTML 3Page - TAITRON Components Incorporated TSCD12WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
TSCD12WS-TSCD16WS
1.0A Low Profile Chip
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Low Profile Chip Schottky Rectifier
Features
• Low profile with SMD package
• Low power loss , High efficiency
• High current capability, Low voltage drop
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• RoHS compliant
Mechanical Data
Case:
0805 SMD package, Molded plastic body
Terminals:
Pure Tin plated, solderable per MIL-STD-750, Method 2026
Polarity
Laser cathode band marking
Weight:
0.005 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
TSCD12WS
TSCD14WS
TSCD16WS
Unit
Conditions
Marking Code
A2
A4
A6
VRRM
Repetitive Peak Reverse Voltage
20
40
60
V
VDC
Maximum DC Blocking Voltage
14
28
42
V
VRWM
Working Peak Reverse Voltage
20
40
60
V
IF(AV)
Forward Rectified Current
1.0
A
SEE FIG.1
IFSM
Non-repetitive Peak Forward Surge Current
10
A
8.3ms single half
sine-wave
TJ
Operating Junction temperature range
-55 to +125
-55 to +150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
TSCD12WS
TSCD14WS
TSCD16WS
Unit
Conditions
VF
Forward Voltage
0.45
0.50
0.65
V
IF= 1.0A(Note1)
Rθ-JL
28
Rθ-JA
Typical Thermal Resistance
88
° C/W
(Note 2)
IR
Reverse Current
200
μA
C0805
(SOD-323)


Similar Part No. - TSCD12WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCD114D TSC-TSCD114D Datasheet
136Kb / 4P
NPN Digital Transistor
TSCD114DCU6 TSC-TSCD114DCU6 Datasheet
136Kb / 4P
NPN Digital Transistor
TSCD143K TSC-TSCD143K Datasheet
135Kb / 4P
NPN Digital Transistor
TSCD143KCU6 TSC-TSCD143KCU6 Datasheet
135Kb / 4P
NPN Digital Transistor
TSCD144C TSC-TSCD144C Datasheet
135Kb / 4P
Dual NPN Digital Transistor
More results

Similar Description - TSCD12WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCD022WUR TAITRON-TSCD022WUR Datasheet
204Kb / 3P
200mA Low Profile Chip Schottky Rectifier
TSCD032WS TAITRON-TSCD032WS Datasheet
236Kb / 4P
300mA Low Profile Chip Schottky Rectifier
TSCD032WT TAITRON-TSCD032WT Datasheet
239Kb / 4P
300mA Low Profile Chip Schottky Rectifier
TSCD052WS TAITRON-TSCD052WS Datasheet
204Kb / 4P
500mA Low Profile Chip Schottky Rectifier
TSCDA12 TAITRON-TSCDA12 Datasheet
213Kb / 4P
1.0A Low Profile Chip Schottky Rectifier
TSCDA12L TAITRON-TSCDA12L Datasheet
184Kb / 4P
1.0A Low Profile Chip Schottky Rectifier
TSCDA22 TAITRON-TSCDA22 Datasheet
209Kb / 4P
2.0A Low Profile Chip Schottky Rectifier
TSCDA32 TAITRON-TSCDA32 Datasheet
215Kb / 4P
3.0A Low Profile Chip Schottky Rectifier
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
3.0A Low Profile Chip Schottky Rectifier
TSCD012WUR TAITRON-TSCD012WUR Datasheet
206Kb / 3P
100mA Low Profile Chip Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com