Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEH30 Datasheet(PDF) 1 Page - CUI INC

Part # MEH30
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MEH30 Datasheet(HTML) 1 Page - CUI INC

  MEH30 Datasheet HTML 1Page - CUI INC MEH30 Datasheet HTML 2Page - CUI INC MEH30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
1 of 3
12/14/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MEH30
ELECTRICAL SPECIFICATIONS
output waveform
Square Wave
output signals
A, B, Z phase
current consumption
≤50 mA
frequency response
0~100 KHz
output phase difference
A, B phase difference 90° ± 45°
(T/4±T/8) Z phase T±T/2 (see output waveform)
supply voltage
5 V ~ 12 V dc ± 10%, 24 V dc ± 10% (open collector output only)
output resolution (ppr)
40, 50, 60, 100, 200, 250, 300, 360, 400, 450, 500, 512, 600, 720, 800,
900, 1000, 1024, 1200, 1500, 1800, 2000, 2048, 2500, 3600, 4500,
9000
waveform rise/fall time
2
μ or less (output cable 1m or less)
MECHANICAL SPECIFICATIONS
max shaft load, radial:
19.6N (2kgf)
14.7N (1.5kgf) (800-9000 ppr)
axial:
9.8N (1kgf)
4.9N (0.5kgf) (800-9000 ppr)
starting torque
2 x 10-3 N·m (20 gf·cm)
max rotational speed
6000 RPM
shock resistance
500 m/s2 (50G), 3 times each on XYZ
vibration proof
55 Hz, double amplitude 1.5mm, 2 hours each on XYZ
weight
70g (with 1m cable)
cable
4.2mm outside diameter, 5 core vinyl wire insulated shield cable (1m)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-20° to +80° C
humidity
RH 35%~90% non collecting
ORDERING INSTRUCTIONS
MEH30 - XXXXP-XX-XX-XX
Bore/Hub:
"no entry" = Through/No Hub
F1 = Through/Hub/Set Screw
Bore Size:
8 = 8mm
10 = 10mm
Output Circuit:
"no entry" = Voltage output
C = Open collector output
E = Line driver output
Resolution (PPR):
40 = 40 PPR*
450 = 450 PPR*
1200 = 1200 PPR
50 = 50 PPR*
500 = 500 PPR*
1500 = 1500 PPR
60 = 60 PPR*
512 = 512 PPR*
1800 = 1800 PPR
100 = 100 PPR*
600 = 600 PPR
2000 = 2000 PPR
200 = 200 PPR*
720 = 720 PPR
2048 = 2048 PPR
250 = 250 PPR*
800 = 800 PPR
2500 = 2500 PPR
300 = 300 PPR*
900 = 900 PPR
3600 = 3600 PPR
360 = 360 PPR*
1000 = 1000 PPR
4500 = 4500 PPR
400 = 400 PPR*
1024 = 1024 PPR
9000 = 9000 PPR
Input Voltage:
1 = 5V dc ± 10%
(line driver output only)
3 = 5 ~ 12V dc ± 10%
4 = 24V dc ± 10%
(open collector output only)
*signifies only resolutions available with F1 Bore/Hub


Similar Part No. - MEH30

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MEH MTRONPTI-MEH Datasheet
217Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH MTRONPTI-MEH Datasheet
247Kb / 2P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH MTRONPTI-MEH Datasheet
248Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
logo
M-System Co.,Ltd.
MEH MSYSTEM-MEH Datasheet
77Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MEH-1 MSYSTEM-MEH-1 Datasheet
77Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MEH30

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com