Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCD15 Datasheet(PDF) 1 Page - CUI INC

Part # VCD15
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD15 Datasheet(HTML) 1 Page - CUI INC

  VCD15 Datasheet HTML 1Page - CUI INC VCD15 Datasheet HTML 2Page - CUI INC VCD15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD15 series
features
·
15W isolated output
·2:1 Input range
·efficiency to 82%
·200 KHz switching frequency
·regulated outputs
·Pi input filter
·continuous short circuit
protection
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VCD15-D12-S3R3
9-18VDC
3.3VDC
3000mA
30mA
1178mA
70%
VCD15-D12-S5
9-18VDC
5VDC
3000mA
30mA
1660mA
75%
VCD15-D12-S12
9-18VDC
12VDC
1250mA
30mA
1625mA
78%
VCD15-D12-S15
9-18VDC
15VDC
1000mA
30mA
1625mA
78%
VCD15-D12-D12
9-18VDC
±12VDC
±625mA
35mA
1620mA
77%
VCD15-D12-D15
9-18VDC
±15VDC
±500mA
35mA
1620mA
77%
VCD15-D12-D5
9-18VDC
±5VDC
±1500mA
35mA
1620mA
77%
VCD15-D24-S3R3
18-36VDC
3.3VDC
3000mA
15mA
557mA
74%
VCD15-D24-S5
18-36VDC
5VDC
3000mA
15mA
812mA
78%
VCD15-D24-S12
18-36VDC
12VDC
1250mA
20mA
772mA
81%
VCD15-D24-S15
18-36VDC
15VDC
1000mA
20mA
772mA
81%
VCD15-D24-D12
18-36VDC
±12VDC
±625mA
25mA
780mA
80%
VCD15-D24-D15
18-36VDC
±15VDC
±500mA
25mA
780mA
80%
VCD15-D24-D5
18-36VDC
±5VDC
±1500mA
25mA
780mA
80%
VCD15-D48-S3R3
36-72VDC
3.3VDC
3000mA
20mA
271mA
76%
VCD15-D48-S5
36-72VDC
5VDC
3000mA
10mA
390mA
80%
VCD15-D48-S12
36-72VDC
12VDC
1250mA
15mA
381mA
82%
VCD15-D48-S15
36-72VDC
15VDC
1000mA
15mA
381mA
82%
VCD15-D48-D12
36-72VDC
±12VDC
±625mA
20mA
386mA
81%
VCD15-D48-D15
36-72VDC
±15VDC
±500mA
20mA
386mA
81%
VCD15-D48-D5
36-72VDC
±5VDC
±1500mA
20mA
386mA
81%


Similar Part No. - VCD15

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
logo
IXYS Corporation
VCD105 IXYS-VCD105 Datasheet
60Kb / 2P
Thyristor/Diode Modules
VCD105-08IO7 IXYS-VCD105-08IO7 Datasheet
60Kb / 2P
Thyristor/Diode Modules
VCD105-12IO7 IXYS-VCD105-12IO7 Datasheet
60Kb / 2P
Thyristor/Diode Modules
VCD105-14IO7 IXYS-VCD105-14IO7 Datasheet
60Kb / 2P
Thyristor/Diode Modules
More results

Similar Description - VCD15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com