Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95040M6TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST95040M6TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040M6TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST95040M6TR Datasheet HTML 3Page - STMicroelectronics ST95040M6TR Datasheet HTML 4Page - STMicroelectronics ST95040M6TR Datasheet HTML 5Page - STMicroelectronics ST95040M6TR Datasheet HTML 6Page - STMicroelectronics ST95040M6TR Datasheet HTML 7Page - STMicroelectronics ST95040M6TR Datasheet HTML 8Page - STMicroelectronics ST95040M6TR Datasheet HTML 9Page - STMicroelectronics ST95040M6TR Datasheet HTML 10Page - STMicroelectronics ST95040M6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
C
D
AI01442
S
Q
A7
2
1
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19
A6 A5 A4 A3 A2 A1 A0
A8
20 21 22 23
HIGH IMPEDANCE
INSTRUCTION
BYTE ADDRESS
0
7
654
32
0
1
DATA BYTE
Figure 8. Byte Write Operation Sequence
C
D
AI01441
S
Q
2
1
345
67
HIGH IMPEDANCE
0
Figure 7. Write Enable Latch Sequence
Notes:
A8 = A7 = 0 on ST95010; A8 = 0 on ST95020; A8 is only active on ST95040.
7/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com