Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7056 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA7056
Description  3W MONO BRIDGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7056 Datasheet(HTML) 2 Page - STMicroelectronics

  STA7056 Datasheet HTML 1Page - STMicroelectronics STA7056 Datasheet HTML 2Page - STMicroelectronics STA7056 Datasheet HTML 3Page - STMicroelectronics STA7056 Datasheet HTML 4Page - STMicroelectronics STA7056 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
20
V
IO
Output Peak current (repetitive f
≥ 20Hz)
1
A
IO
Output Peak current (non repetitive t = 100
µs)
1.5
A
Ptot
Total Power Dissipation (Tcase <70°C)
10
W
Tj,Tstg
Storage and Function Temperature
-40 to 150
°C
Tsc
Short Circuit Time
(the load can be short circuited to all input conditions)
1hr
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
8
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
50
°C/W
Power Dissipation
Assume: Vs = 11V; RL = 16
Ω
The minimum sine-wave dissipation is Pd max
=
VS
2
π2 ⋅ RL⁄2
= 1.52W
The Rth j - amb of the package is 50°C/W.
T amb (max) = 150 - 50 x 1.52 = 74°C
1
2
3
4
5
6
7
8
OUTPUT(-)
POWER GROUND
OUTPUT(+)
N.C.
SIGNAL GROUND
INPUT(+)
VS
N.C.
9
N.C.
SIP9
PIN CONNECTION
STA7056
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com