Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCDE6 Datasheet(PDF) 2 Page - CUI INC

Part # VCDE6
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCDE6 Datasheet(HTML) 2 Page - CUI INC

  VCDE6 Datasheet HTML 1Page - CUI INC VCDE6 Datasheet HTML 2Page - CUI INC VCDE6 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCDE6 series
NOTES:
1. measured from high line to low line
2. measured from full load to10%load
3. measured from full load to1/4 load
INPUT
input voltage range
12V:
9-18V
24V:
18-36V
48V:
36-72V
input filter
Pi type
OUTPUT
voltage accuracy
±2.0% max.
voltage balance(dual)
±1.0% max.
temperature coefficient
±0.05% /°C
ripple & noise, 20MHz BW
5V:
100mV p-p max.
12V:/15V:
1% p-p max.
short circuit protection
continuous
line regulation,
single/dual¹
±0.5%
load regulation,
singlel2
±0.5%
dual³
±1.0%
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
500VDC min.
isolation resistance
109Ohm
switching frequency
100KHz, min.
operating temperature range
-25°C to +71°C
case temperature (plastic case)
95°Cmax.
(copper case)
100° max.
cooling
free-air convection
storage temperature range
-40°C to +100°C
dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
case material
standard models
non-conductive black plastic
suffix “M” models
black-coated copper with non-conductive base



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com