Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCQ15 Datasheet(PDF) 1 Page - CUI INC

Part # VCQ15
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCQ15 Datasheet(HTML) 1 Page - CUI INC

  VCQ15 Datasheet HTML 1Page - CUI INC VCQ15 Datasheet HTML 2Page - CUI INC VCQ15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/ 3
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VCQ15 Series DC-DC Converter
Features
·15W isolated output
·Efficiency to 82%
·4:1 input range
·Six sided shield
·Remote On/Off Control
Model
Input
Output
Output
Input Current
Number
Voltage
Voltage
Current
No Load
Full Load
Efficiency
VCQ15-Q24-S5
9-36VDC
5VDC
3000mA
15mA
810mA
77%
VCQ15-Q24-S12
9-36VDC
12VDC
1250mA
15mA
780mA
80%
VCQ15-Q24-S15
9-36VDC
15VDC
1000mA
15mA
780mA
80%
VCQ15-Q24-D5
9-36VDC
±5VDC
±1500mA
20mA
810mA
77%
VCQ15-Q24-D12
9-36VDC
±12VDC
±625mA
20mA
780mA
80%
VCQ15-Q24-D15
9-36VDC
±15VDC
±500mA
20mA
780mA
80%
VCQ15-Q24-T512
9-36VDC
5/±12VDC
1500/±310mA
20mA
780mA
80%
VCQ15-Q24-T515
9-36VDC
5/±15VDC
1500/±250mA
20mA
780mA
80%
VCQ15-Q24-S3R3
9-36VDC
3.3VDC
3000mA
15mA
545mA
76%
VCQ15-Q48-S5
18-72VDC
5VDC
3000mA
10mA
410mA
77%
VCQ15-Q48-S12
18-72VDC
12VDC
1250mA
10mA
390mA
80%
VCQ15-Q48-S15
18-72VDC
15VDC
1000mA
10mA
390mA
80%
VCQ15-Q48-D5
18-72VDC
±5VDC
±1500mA
15mA
400mA
79%
VCQ15-Q48-D12
18-72VDC
±12VDC
±625mA
15mA
380mA
82%
VCQ15-Q48-D15
18-72VDC
±15VDC
±500mA
15mA
380mA
82%
VCQ15-Q48-T512
18-72VDC
5/±12VDC
1500/±310mA
15mA
380mA
82%
VCQ15-Q48-T515
18-72VDC
5/±15VDC
1500/±250mA
15mA
380mA
82%
VCQ15-Q48-S3R3
18-72VDC
3.3VDC
3000mA
10mA
270mA
76%


Similar Part No. - VCQ15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCQ15-Q24-D12 CUI-VCQ15-Q24-D12 Datasheet
120Kb / 3P
dc-dc converter
VCQ15-Q24-D12-T CUI-VCQ15-Q24-D12-T Datasheet
993Kb / 4P
Screw Terminal Dc-Dc Converter
VCQ15-Q24-D15 CUI-VCQ15-Q24-D15 Datasheet
120Kb / 3P
dc-dc converter
VCQ15-Q24-D15-T CUI-VCQ15-Q24-D15-T Datasheet
993Kb / 4P
Screw Terminal Dc-Dc Converter
VCQ15-Q24-D5 CUI-VCQ15-Q24-D5 Datasheet
120Kb / 3P
dc-dc converter
More results

Similar Description - VCQ15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com