Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS6 Datasheet(PDF) 1 Page - CUI INC

Part # VCS6
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCS6 Datasheet(HTML) 1 Page - CUI INC

  VCS6 Datasheet HTML 1Page - CUI INC VCS6 Datasheet HTML 2Page - CUI INC VCS6 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCS6 series
features
·
high performance
·efficiency to 60%
·regulated outputs
·Pi Input Filter
·low ripple and noise
·500 VDC isolation
model
input
output
output
input current
alt. pin
number
voltage
voltage
current
no load
full load
out
VCS6-S5-S5
5VDC
5VDC
1000mA
60mA
1700mA
S
VCS6-S5-S12
5VDC
12VDC
470mA
70mA
1750mA
S
VCS6-S5-S15
5VDC
15VDC
400mA
70mA
1800mA
S
VCS6-S5-D12
5VDC
±12VDC
±230mA
130mA
1700mA
S
VCS6-S5-D15
5VDC
±15VDC
±190mA
140mA
1700mA
S
VCS6-S12-S5
12VDC
5VDC
1000mA
40mA
690mA
S
VCS6-S12-S12
12VDC
12VDC
470mA
40mA
700mA
S
VCS6-S12-S15
12VDC
15VDC
400mA
40mA
750mA
S
VCS6-S12-D12
12VDC
±12VDC
±230mA
60mA
710mA
S
VCS6-S12-D15
12VDC
±15VDC
±190mA
60mA
710mA
S
VCS6-S24-S5
24VDC
5VDC
1000mA
20mA
350mA
S
VCS6-S24-S12
24VDC
12VDC
470mA
20mA
340mA
S
VCS6-S24-S15
24VDC
15VDC
400mA
20mA
360mA
S
VCS6-S24-D12
24VDC
±12VDC
±230mA
35mA
360mA
S
VCS6-S24-D15
24VDC
±15VDC
±190mA
35mA
360mA
S
VCS6-S28-S5
28VDC
5VDC
1000mA
20mA
290mA
S
VCS6-S28-S12
28VDC
12VDC
470mA
20mA
300mA
S
VCS6-S28-S15
28VDC
15VDC
400mA
20mA
310mA
S
VCS6-S28-D12
28VDC
±12VDC
±230mA
25mA
290mA
S
VCS6-S28-D15
28VDC
±15VDC
±190mA
25mA
290mA
S
VCS6-S48-S5
48VDC
5VDC
1000mA
14mA
170mA
S
VCS6-S48-S12
48VDC
12VDC
470mA
14mA
170mA
S
VCS6-S48-S15
48VDC
15VDC
400mA
14mA
180mA
S
VCS6-S48-D12
48VDC
±12VDC
±230mA
20mA
170mA
S
VCS6-S48-D15
48VDC
±15VDC
±190mA
20mA
170mA
S


Similar Part No. - VCS6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
VCS TEC-VCS Datasheet
189Kb / 7P
COMPACT VERTICAL LIQUID LEVEL SENSORS
logo
XP Power Limited
VCS XPPOWER-VCS Datasheet
579Kb / 4P
50-100 Watts
19-July-12
logo
TE Connectivity Ltd
VCS-01 TEC-VCS-01 Datasheet
189Kb / 7P
COMPACT VERTICAL LIQUID LEVEL SENSORS
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
logo
TE Connectivity Ltd
VCS-02 TEC-VCS-02 Datasheet
189Kb / 7P
COMPACT VERTICAL LIQUID LEVEL SENSORS
More results

Similar Description - VCS6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com