Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STABP01D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STABP01D
Description  BASH DIGITAL PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STABP01D Datasheet(HTML) 1 Page - STMicroelectronics

  STABP01D Datasheet HTML 1Page - STMicroelectronics STABP01D Datasheet HTML 2Page - STMicroelectronics STABP01D Datasheet HTML 3Page - STMicroelectronics STABP01D Datasheet HTML 4Page - STMicroelectronics STABP01D Datasheet HTML 5Page - STMicroelectronics STABP01D Datasheet HTML 6Page - STMicroelectronics STABP01D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STABP01
December 2002
s
BASH® LICENCE REQUIRED
DESCRIPTION
The STABP01 processor is used to control the
BASH® Digital Converter. When used in conjunction
with BASH® amplifiers a fully integrated high efficien-
cy power amplifier is realized.
By analyzing
the audio input, the Processor deter-
mines the appropriate on/off events and generates a
digital pulse for the Digital Converter. The converter
turns this pulse into a power signal that feeds the
power amplifier. The feedback system allows the pro-
cessor to constantly adapt to the audio signal and re-
generate the digital pulse thereby maintaining a
constant voltage across the output devices.
ORDERING NUMBERS:
STABP01 (DIP20)
STABP01D (SO20)
SO20
DIP20
DIGITAL PROCESSOR
BLOCK DIAGRAM
+
-
+
+
-
-
R
1V
1V
10V
1V
OUTPUT
GROUND1
SOFT SW RESET
S
1V
10V
2R
R
1V
COMP/3
1V
1V
BUFFER
2200pF
50K
20K
R162
17R
C51
2200pF
1V
CURRENT SENSE
COMPARATOR
ONE SHOT
SIGNAL
OPEN DRAIN
OUTPUT
DISCHARGE
(RESET)
TRANSISTOR
FAST ATTACK
CONTROL
ERROR
AMP
COMP
CURRENT_SENSE
VFB
V+
POWER SUPPLY1
CLOCK
Rt
Ct
250Hz
1V
Q
Q
S
Q
R
Q
RESET
CLK
Q
D
Q
RESET
CLK
D
Q
Q
R
S
Q
Q
INTERNAL
CIRCUIT
ON
UVLO: 7V = on
5V = off
SOFT SWITCH
PWM LATCH
VREF
BUFFER OUT
REC_OUT
BUFFER IN
FA IN
1V
10V
10V
DEAD TIME
10V
D00AU1219
OUTPUT
GROUND2
ONE
SHOT
DELAY
POWER_VS2
ONE SHOT
DUTY ACCEL
1V
1V
R


Similar Part No. - STABP01D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STABLE TCR TEC-STABLE TCR Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
More results

Similar Description - STABP01D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
100100W STEREO BASH POWER AMPLIFIER
Jul-2003
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
Digital Voice Processor
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
Digital Camera Processor
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com