Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START405 Datasheet(PDF) 3 Page - STMicroelectronics

Part # START405
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START405 Datasheet(HTML) 3 Page - STMicroelectronics

  START405 Datasheet HTML 1Page - STMicroelectronics START405 Datasheet HTML 2Page - STMicroelectronics START405 Datasheet HTML 3Page - STMicroelectronics START405 Datasheet HTML 4Page - STMicroelectronics START405 Datasheet HTML 5Page - STMicroelectronics START405 Datasheet HTML 6Page - STMicroelectronics START405 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
START405
Symbol
Value
Symbol
Value
Symbol
Value
TMEAS
27.0
FC
0.5
XJBC
0.3
IS
1.9E-17
EG
1.12
XTI
3.57
ISE
1.58E-13
NF
1
BF
340
NR
1
NE
2.711
VAF
79
ISC
7.40E-17
BR
8.59
VAR
2.35
IKF
{0.151*((T(oC)+273.15)/
300.15)^(-1.774)}
NC
1.312
TF
4.1E-12
TR
7E-10
PTF
38
VTF
14.7
XTF
42
ITF
0.42
MJE
0.414
RB
34.07
RBM
6.1
MJC
0.266
RC
7.9
RE
1.25
MJS
0.22
CJE
111E-15
VJE
1.1
IKR
2.29E-3
CJC
53E-15
VJC
0.69
XTB
-0.744
CJS
33E-15
VJS
0.4
SPICE PARAMETERS (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax)
PACKAGE EQUIVALENT CIRCUIT
TRANSISTOR CHIP DATA
FOR MORE ACCURACY SIMULATION IN SATURATION REGION :
Adding the 5 Spice parameters showed in Table A and using ST Spice Library (available on request) you
can achieve a more accuracy simulation in the saturation region. ST Spice library is compatible with
following simulators: ELDO MENTOR (any version), SPECTRE CADENCE (any version), ADS (version
2001 only).
Table A (Spice Parameters extracted in saturation region)
RW
Vjj
ENP
VRP
RP
2.594
0.769
2.045
{8.67*((TEMPER+273.15)/300.15)^(0.839)}
1.00E-6
In order to avoid high complexity of the package equivalent circuit, the two emitter leads of SOT-343
package are combined in one electrical connection.
C
Transistor
Chip
B’
C’
E’
L=0.3 nH
L=0.6 nH
L3
L5
L6
C2
C=5 fF
..
L=0.35 nH
L1
L=0.3 nH
L=0.15 nH
L2
C=300 fF
C=430 fF
C1
C3
E
.
.
L=0.6 nH
L4
B
.
.
C
Transistor
Chip
B’
C’
E’
L=0.3 nH
L=0.6 nH
L3
L5
L6
C2
C=5 fF
..
L=0.35 nH
L1
L=0.3 nH
L=0.15 nH
L2
C=300 fF
C=430 fF
C1
C3
E
.
.
L=0.6 nH
L4
B
.
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com