Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEH20-1024PC2 Datasheet(PDF) 3 Page - CUI INC

Part # MEH20-1024PC2
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MEH20-1024PC2 Datasheet(HTML) 3 Page - CUI INC

  MEH20-1024PC2 Datasheet HTML 1Page - CUI INC MEH20-1024PC2 Datasheet HTML 2Page - CUI INC MEH20-1024PC2 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30°
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/27/2007
SPECIFIED
Red
Power
Cable Color
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
White
A-Phase
Green
Website: www.cui.com
RoHS
-
-
-
-
-
-
0V
Black
Z-Phase
Yellow
B-Phase
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Output Type
JMS
Incremental Encoder
SCALE:
BY CUI INC.
TITLE:
MM [INCHES]
MEH20
MEH20
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
1:1
COPYRIGHT 2007
REV:
3-M3 depth 5
equal arrangement
PCD=24
32.0 1.260
5.0 0.197
Output Cable
L=1000
25.0 0.984
22.0 0.866
0.089
2.3
0.8 0.030
0.264
6.7
10.0
0.217
0.394
5.5
4.2 0.165



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com