Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95020WM6TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST95020WM6TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95020WM6TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST95020WM6TR Datasheet HTML 5Page - STMicroelectronics ST95020WM6TR Datasheet HTML 6Page - STMicroelectronics ST95020WM6TR Datasheet HTML 7Page - STMicroelectronics ST95020WM6TR Datasheet HTML 8Page - STMicroelectronics ST95020WM6TR Datasheet HTML 9Page - STMicroelectronics ST95020WM6TR Datasheet HTML 10Page - STMicroelectronics ST95020WM6TR Datasheet HTML 11Page - STMicroelectronics ST95020WM6TR Datasheet HTML 12Page - STMicroelectronics ST95020WM6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Byte Write Operation
Prior to any write attempt, the write enable latch
must be set by issuing the WREN instruction. First
the device is selected (S = low) and a serial WREN
instruction byte is issued. Then the product is de-
selected by taking S high. After the WREN instruc-
tion byte is sent, the Memory will set the write
enable latch and then remain in standby until it is
deselected. Then the write state is entered by
selecting the chip, issuing two bytes of instruction
and address, and one byte of data.
Chip Select (S) must remain low for the entire
duration of the operation. The product must be
deselectedjust after the eighth bit of data has been
latched in. If not, the write process is cancelled. As
soon as the product is deselected, the self-timed
write cycle is initiated. While the write isin progress,
the status register may be read to check BP1, BP0,
WEL and WIP. WIP is high during the self-timed
write cycle. When the cycle is completed, the write
enable latch is reset.
Page Write Operation
A maximum of 16 bytes of data may be written
during one non-volatile write cycle. All 16 bytes
must reside on the same page. The page write
mode is the same as the byte write mode except
that instead of deselecting the device after the first
byte of data, up to 15 additionalbytes can be shifted
in prior to deselecting the chip. A page address
begins with address xxxx 0000 and ends with xxxx
1111. If the address counter reaches xxxx 1111and
the clock continues, the counter will roll over to the
first address of the page (xxxx 0000) and overwrite
any previously written data. The programming cy-
cle will only start if the S transition occurs just after
the eighth bit of data of a word is received.
POWER ON STATE
After a Power up the Memory is in the following
state:
– The device is in the low power standby state.
– The chip is deselected.
– The chip is not in hold condition.
– The write enable latch is reset.
– BP1 and BP0 are unchanged (non-volatile
bits).
C
D
AI01445
S
Q
2
1
3
4
5
6
7
8
9 10 111213 1415
HIGH IMPEDANCE
INSTRUCTION
STATUS REG.
0
Figure 11. WRSR: Write Status Register Sequence
9/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com