Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLCSC1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLCSC1
Description  2.0mm Ceramic Surface Mount Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLCSC1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLCSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All Dimensions in mm
.
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
3.579545 to 3.999
200
10.000 to 12.999
60
4.000 to 4.999
150
13.000 to 19.999
35
5.000 to 6.999
120
20.000 to 30.000
25
7.000 to 8.999
80
30.000 to 70.000
100
Marking Guide
SL Series
2.0mm Ceramic Surface Mount Crystal
Frequency Range
3.579545MHz to 70.000MHz
Frequency Tolerance/Stability
A, B, C, D
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
1mW Maximum, 100uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 1998-C
Aging @ 25°C
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
SL A 32 C 1 - 30.000MHz
Package
SL=2.0mm max. ht. / 2 Pad Metal SMD
Mode of Operation
1=Fundamental
Tolerance/Stability
3=Third Overtone
A=±50/100
Operating Temperature Range
B=±50/50
C=0°C to 70°C
C=±30/50
E=-20°C to 70°C
D=±30/30
F=-40°C to 85°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
2.0 ±0.1
11.0 ±0.3
2.0 MAX
5.0 ±0.3
2.0 ±0.1
3.8 ±0.2
5.0 ±0.3
1
2
1
2
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Frequency
Line 2:
CEI YM
CEI: Caliber Electronics Inc.
YM: Date Code


Similar Part No. - SLCSC1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
SLCSC1 CALIBER-SLCSC1 Datasheet
44Kb / 1P
2.0mm Ceramic Surface Mount Crystal
More results

Similar Description - SLCSC1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
CERAMIC SURFACE MOUNT CRYSTAL
logo
List of Unclassifed Man...
NA32C1 ETC2-NA32C1 Datasheet
40Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 ETC2-NCA32C1 Datasheet
38Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Vanlong Technology Co.,...
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
NA32C1 CALIBER-NA32C1 Datasheet
46Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 CALIBER-NCA32C1 Datasheet
43Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
SLASC1 CALIBER-SLASC1 Datasheet
44Kb / 1P
2.0mm Ceramic Surface Mount Crystal
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
Ceramic Surface Mount Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com