Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

420 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 420
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

420 Datasheet(HTML) 4 Page - STMicroelectronics

  420 Datasheet HTML 1Page - STMicroelectronics 420 Datasheet HTML 2Page - STMicroelectronics 420 Datasheet HTML 3Page - STMicroelectronics 420 Datasheet HTML 4Page - STMicroelectronics 420 Datasheet HTML 5Page - STMicroelectronics 420 Datasheet HTML 6Page - STMicroelectronics 420 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
START420
4/7
COMMON EMITTER S-PARAMETERS ( VCE = 2V, IC = 20mA )
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
0.1
0.700
-22
42.223
164
0.010
89
0.932
-12
0.5
0.545
-90
27.116
120
0.027
58
0.632
-51
0.9
0.480
-130
18.322
98
0.036
48
0.421
-71
1
0.476
-137
16.756
94
0.038
47
0.387
-75
1.5
0.484
-167
11.532
77
0.048
42
0.263
-96
1.8
0.494
180
9.528
68
0.052
39
0.210
-111
2
0.503
172
8.390
63
0.055
37
0.183
-123
2.5
0.513
158
6.364
54
0.061
32
0.148
-154
3
0.533
148
4.936
46
0.069
27
0.143
-171
3.5
0.552
140
4.546
37
0.077
21
0.153
178
4
0.559
134
3.873
28
0.085
14
0.154
163
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com