Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95010WM6TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST95010WM6TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95010WM6TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST95010WM6TR Datasheet HTML 10Page - STMicroelectronics ST95010WM6TR Datasheet HTML 11Page - STMicroelectronics ST95010WM6TR Datasheet HTML 12Page - STMicroelectronics ST95010WM6TR Datasheet HTML 13Page - STMicroelectronics ST95010WM6TR Datasheet HTML 14Page - STMicroelectronics ST95010WM6TR Datasheet HTML 15Page - STMicroelectronics ST95010WM6TR Datasheet HTML 16Page - STMicroelectronics ST95010WM6TR Datasheet HTML 17Page - STMicroelectronics ST95010WM6TR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ORDERING INFORMATION SCHEME
Notes: 1. Data In is strobed on rising edge of the clock (C) and Data Out is synchronized from the falling edge of the clock.
2. Temperature range on request only, 5V
± 10% only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFh).
For a list of available options (Operating Voltage, Package, etc...) or for further information on any aspect
of this device, please contact the STMicroelectronics Sales Office nearest to you.
Density
04
4K (512 x 8)
02
2K (256 x 8)
01
1K (128 x 8)
Data Strobe
0
Note 1
Operating Voltage
blank 4.5V to 5.5V
W
2.5V to 5.5V
Package
B
PSDIP8
0.25 mm Frame
M
SO8
150mils Width
Option
TR
Tape & Reel
Packing
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3
(2)
–40 to 125
°C
Example:
ST95xx0
W
M
6
TR
15/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com