Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START540TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # START540TR
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START540TR Datasheet(HTML) 2 Page - STMicroelectronics

  START540TR Datasheet HTML 1Page - STMicroelectronics START540TR Datasheet HTML 2Page - STMicroelectronics START540TR Datasheet HTML 3Page - STMicroelectronics START540TR Datasheet HTML 4Page - STMicroelectronics START540TR Datasheet HTML 5Page - STMicroelectronics START540TR Datasheet HTML 6Page - STMicroelectronics START540TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
START540
2/7
SOT343
4
12
3
Top view
Note(1): Gms = | S21 / S12 |
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Icbo
Collector cutoff current
Vcb = 5V, Ie = 0A
150
nA
Iebo
Emitter-base cutoff
current
Veb = 1.5V, Ic = 0A
15
µA
Hfe
DC current gain
Ic = 20mA, Vce = 3V
100
160
NFmin
Minimim noise figure
Ic = 5mA, Vce = 2V, f = 1.8GHz,
Zs = Zsopt
0.9
dB
Ga
NFmin associated gain
Ic = 5mA, Vce = 2V, f = 1.8GHz
16
dB
|S21|2
Insertion power gain
Ic = 20mA, Vce = 2V, f = 1.8GHz
19.5
dB
Gms (1)
Maximum stable gain
Ic = 20mA, Vce = 2V, f = 1.8GHz
22.7
dB
P-1dB
1dB compression point
Ic = 20mA,Vce = 2V, f = 1.8GHz
13
dBm
OIP3
Ouput third order
intercept point
Ic = 20mA,Vce = 2V, f = 1.8GHz
24
dBm
ELECTRICAL CHARACTERISTICS (Tj=25
oC,unless otherwise specified)
PINOUT
PIN CONNECTION
Pin No.
Description
1BASE
3
COLLECTOR
2,4
EMITTER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com