Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95010B3TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST95010B3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95010B3TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST95010B3TR Datasheet HTML 4Page - STMicroelectronics ST95010B3TR Datasheet HTML 5Page - STMicroelectronics ST95010B3TR Datasheet HTML 6Page - STMicroelectronics ST95010B3TR Datasheet HTML 7Page - STMicroelectronics ST95010B3TR Datasheet HTML 8Page - STMicroelectronics ST95010B3TR Datasheet HTML 9Page - STMicroelectronics ST95010B3TR Datasheet HTML 10Page - STMicroelectronics ST95010B3TR Datasheet HTML 11Page - STMicroelectronics ST95010B3TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
C
D
S
A7
2
1
3
4
5
6
7
8
9 10 1112 131415 1617 1819
A6 A5 A4 A3 A2 A1 A0
A8
20 21 22 23
INSTRUCTION
BYTE ADDRESS
0
765
43
2
0
1
DATA BYTE 1
C
D
AI01443
S
7
26
25
27 28 29 30 31
8+8N
63
2
1
0
24
765
43
2
1
DATA BYTE 16
54
0
DATA BYTE N
7
6
32
10
54
DATA BYTE 2
7
Figure 9. Page Write Operation Sequence
C
D
S
2
1
3
4
5
6
7
8
9 10 1112 131415
INSTRUCTION
0
AI01444
Q
76
54
32
1
0
STATUS REG. OUT
HIGH IMPEDANCE
MSB
Figure 10. RDSR: Read Status Register Sequence
Notes:
A8 = A7 = 0 on ST95010; A8 = 0 on ST95020; A8 is only active on ST95040.
8/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com