Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-25 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-25
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-25 Datasheet(HTML) 2 Page - CUI INC

  VOF-25 Datasheet HTML 1Page - CUI INC VOF-25 Datasheet HTML 2Page - CUI INC VOF-25 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V-INFINITY LLC, 9615 SW Allen Blvd., Suite 103, Beaverton, OR 97005
1-866-372-1258
www.v-infinity.com
VOF-25 Switching Power Supply
Rev. 07-2007
2 / 3
Input
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Frequency
47
63
Hz
Input Voltage
Output power derated from 85-90 VAC
85
264
VAC
Input Current
AC Input of 110 VAC
700
mA
AC Input of 210 VAC
350
mA
Inrush Current
Measured at 110 VAC at full load, cold start
20
A
Measured at 220 VAC at full load, cold start
40
A
Input fuse
Built-in, non-user serviceable.
Output
Parameter
Conditions/Description
Min
Nom
Max
Units
Efficiency
See table above. Typical values measured at 115 VAC, full load.
Hold up time
At 115 VAC, full load
16
mS
Adjustability
Adjustable with built-in trim pot.
- 5
+5
%
Temp. Coefficient
-0.05
+0.05
%/ºC
Protection Circuit
Parameter
Conditions/Description
Overload
Current limiting starts at 105% of the rated output current and
recovers automatically.
Output Over-voltage
Output voltage is limited to 115% by TVS clamping.
Short Circuit
Protected. Long term short circuit may reduce reliability.
General and Safety
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating temp.
See derating curves.
0
50
ºC
Storage temp.
-20
85
ºC
Operating humid.
Non-condensing
20%
90%
RH
Storage humid.
Non-condensing
20%
95%
RH
Operating altitude
3,000
m
10,000
ft
Storage altitude
9,000
m
30,000
ft
EMI
Conducted emissions comply with FCC class B, EN55022 class B
Safety
Approved to TUV EN60950, CE, CB; UL/cUL 60950-1
RoHS
2002/95/EC
Leakage Current
Per EN60950, 264 VAC
1.5
mA
Isolation Voltage
Applied for 1 minute.
(HI-POT)
Primary to secondary:
3000
VAC
Primary to transformer core:
1500
VAC
Primary to earth ground:
1500
VAC
Insulation Resistance
Measured at 500 VDC, at room temp.
50
MΩ
MTBF ( @ 25ºC)
MIL-HDBK-217F
250K
hours
Warranty
Standard Warranty Length
2
years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com